PART |
Description |
Maker |
1N4448WSFQ-7 1N4448WSF 1N4448WSF-7 |
Discrete - Diodes (Less than 0.5A) - Switching Diodes SURFACE MOUNT FAST SWITCHING DIODE
|
Diodes Incorporated
|
BAV99BRV BAV99BRV-7 BAV99BRVA-7 BAV99BRVA |
Discrete - Diodes (Less than 0.5A) - Switching Diodes SURFACE MOUNT SWITCHING DIODE ARRAY
|
Diodes Incorporated
|
MMBD914B MMBD1401 MMBD1402 MMBD1403 MMBD1404 MMBD1 |
Surface mount switching diode. Max forward voltage 1.00V at 10mA. SURFACE MOUNT SWITCHING DIODES 表面贴装开关二极管 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Devic... Jinan Gude Electronic D...
|
1SMB5953BT3 1SMB5945BT3 1SMB5948BT 1SMB5954BT3 1SM |
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS HEADER,10 CONTACT,1 surface mount silicon Zener diodes 130 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3.9 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V / 5V, 160MHz 1:4 Outputs Clock Driver 33 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 surface mount silicon Zener diodes 16 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 5.1 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:7 Output Clock Driver with Edge Rate Control CONN TERM BLK GROUNDING 4.2MM AI10-12BN ER 24C 24#16 PIN RECP LINE 3 Watt Plastic Surface Mount Silicon Zener Diodes From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA [Motorola, Inc] MOTOROLA[Motorola, Inc]
|
BAV756DW08 BAV756DW-7-F |
Switching Diodes QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
|
Diodes Incorporated
|
BAV20WQ-7-F BAV21WQ-7-F BAV21W-7-F |
Switching Diodes SURFACE MOUNT SWITCHING DIODE
|
Diodes Incorporated
|
FALDM375 FALDM450 FALDM400 ALDM500 FALDM500 |
; Comments: Please ask for the nearest Toshiba distributor about the production works.; Reverse Voltage, max (V): (max 80) Switching Diodes; Surface Mount Type: Y; Package: SM6; XJE016 JEITA: SC-74; Number of Pins: 6; Features: high-speed switching; Internal connection: 3 in 1; Reverse Voltage, max (V): (max 80) Logic IC High Efficiency Diodes (HEDs); Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; Application Scope: Switching mode power supply; Internal Connection: Center tap; T RR (ns): (max 50); I O (A): (max 600)
|
|
BAW5604 |
SURFACE MOUNT SWITCHING DIODES
|
Pan Jit International Inc.
|
BAV19WS04 |
SURFACE MOUNT SWITCHING DIODES
|
Pan Jit International Inc.
|
BAV16W04 |
SURFACE MOUNT SWITCHING DIODES
|
Pan Jit International Inc.
|
BAS1605 |
SURFACE MOUNT SWITCHING DIODES
|
Pan Jit International Inc.
|
KAS21 KAS21A KAS21C KAS21S |
Surface Mount Switching Diodes
|
Guangdong Kexin Industrial Co.,Ltd
|